Part Number Hot Search : 
K1525C DPF2710T TDA485 TKA1212D LMDG11W MHW9247A UPD44 6005D
Product Description
Full Text Search
 

To Download EKLJ201EXXXXXMXXXS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature aluminum electrolytic capacitors overvoltage resistant design, 105 c cat. no. e1001i sleeve (pet : brown) l' 15min. 4min. fd' fd vent fp0.5 fp0.5 @ doesn't spark with dc over voltage @ endurance with ripple current : 2,000 hours at 105 c @ non solvent resistant type @ esr value prescribed @rohs compliant ? specifications (at 20c, 120hz) (at 20c after 1 minute) (at 20c, 120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tane) low temperature characteristics (max. impedance ratio) endurance shelf life items - 25 to +105c 200 & 400v dc p20% (m) i=0.04cv+100 where, i : max. leakage current (ma), c : nominal capacitance (mf), v : rated voltage (v) rated voltage (v dc ) tane (max.) rated voltage (v dc ) z( - 25c)/z(+20c) the following specifications shall be satisfied when the capacitors are restored to 20c after subjected to dc voltage with the rated ripple current is applied for 2,000 hours at 105c . capacitance change [p20% of the initial value d.f. (tane) [200% of the initial specified value leakage current [the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20 c after exposing them for 1,000 hours at 105 c without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change [p20% of the initial value d.f. (tane) [200% of the initial specified value leakage current [500% of the initial specified value characteristics 200v 0.20 400v 0.24 200v 4 400v 6 ? dimensions [mm] ? part numbering system @ terminal code : e supplement code (sleeve pet:s, pb-free pvc:m) size code capacitance tolerance code capacitance code (ex. 100mf:101,4.7mf:4r7) lead formingtaping code terminal code voltage code (ex. 200v:201,400v:401) series code category e k l j 2 0 1 e l l 1 0 1 l 2 0 s m 134 26 7 8 9 1 0 51 2 1 3 11 16 17 18 1514 10 0.6 5.0 fd fd f fd' l' 12.5 0.6 5.0 16 0.8 7.5 18 0.8 7.5 fd+0.5max. l+1.5max. ( f 10) ( f 12.5 to f 18) gas escape end seal downsized klj klg please refer to "product code guide (radial lead type)" (1/2)
miniature aluminum electrolytic capacitors overvoltage resistant design, 105 c cat. no. e1001i ? dc overvoltage test conditions the vent will operate and the capacitor shall become an open circuit with out burning materials when the following excess dc volt age is applied. @ test dc voltage rated voltage 200v dc 400v dc current limit 4a 2a test dc voltage 300/375v dc 500/600v dc @ test circuit ac input sw cx + - constant dc voltage/cur rent power supply ? rated ripple current multipliers 50 0.65 0.75 0.80 120 1.00 1.00 1.00 300 1.35 1.25 1.15 1k 1.75 1.50 1.30 10k 2.30 1.75 1.40 50k 2.50 1.80 1.50 100k 2.70 1.85 1.60 frequency (hz) 4.7 to 10mf 15 to 47mf 56 to 330mf @ frequency multipliers ? standard ratings ss : enter the appropriate lead forming or taping code. sleeve pet : suf x is s, pb-free pvc : suf x is m wv (v dc ) cap (mf) case size fdbl(mm) tan e esr (omax/20 c , 100khz) rated ripple current (marms/105c , 120hz) part no. 200 33 10 b 20 0.20 1.8 165 eklj201ess330mj20s 39 10 b 25 0.20 1.4 200 eklj201ess390mj25s 56 12.5 b 20 0.20 1.0 265 eklj201e ss560mk20s 82 12.5 b 25 0.20 0.72 350 eklj201ess820mk25s 100 16 b 20 0.20 0.63 390 eklj201ess101ml20s 120 16 b 25 0.20 0.44 465 eklj201ess121ml25s 150 18 b 20 0.20 0.31 505 eklj201e ss151mm20s 180 16 b 31.5 0.20 0.36 615 eklj201e ss181mln3s 180 18 b 25 0.20 0.30 585 eklj201ess181mm25s 220 16 b 35.5 0.20 0.30 695 eklj201e ss221mlp1s 220 18 b 31.5 0.20 0.28 700 eklj201e ss221mmn3s 270 18 b 35.5 0.20 0.24 805 eklj201e ss271mmp1s 330 18 b 40 0.20 0.21 900 eklj201ess331mm40s 400 4.7 10 b 12.5 0.24 8.4 36 eklj401ess4r7mjc5s 10 10 b 16 0.24 5.7 64 eklj401ess100mj16s 15 10 b 20 0.24 4.0 105 eklj401e ss150mj20s 18 10 b 25 0.24 3.2 110 eklj401ess180mj25s 22 12.5 b 20 0.24 2.7 165 eklj401ess220mk20s 27 12.5 b 25 0.24 1.9 200 eklj401ess270mk25s 33 16 b 20 0.24 1.5 225 eklj401ess330ml20s 39 18 b 20 0.24 1.2 255 eklj401ess390mm20s 39 18 b 25 0.24 0.72 270 eklj401ess390mm25s 47 16 b 25 0.24 1.1 290 eklj401ess470ml25s 47 18 b 20 0.24 1.2 280 eklj401ess470mm20s 56 16 b 31.5 0.24 0.84 340 eklj401ess560mln3s 68 16 b 35.5 0.24 0.72 385 eklj401ess680mlp1s 68 18 b 25 0.24 0.88 360 eklj401ess680mm25s 82 16 b 40 0.24 0.65 435 eklj401ess820ml40s 82 18 b 31.5 0.24 0.64 425 eklj401ess820mmn3s 100 18 b 35.5 0.24 0.54 490 eklj401ess101mmp1s 120 18 b 40 0.24 0.49 540 eklj401ess121mm40s the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 c rise. when long life performance is required in actual use, the rms ripple current has to be reduced. (2/2)


▲Up To Search▲   

 
Price & Availability of EKLJ201EXXXXXMXXXS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X